PART |
Description |
Maker |
ADM660ARZ-REEL ADM660ARUZ-REEL ADM660ARUZ-REEL7 AD |
CMOS Switched-Capacitor Voltage Converter; Package: SOIC; No of Pins: 8; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO8 CMOS Switched-Capacitor Voltage Converter; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDSO16 CMOS Switched-Capacitor Voltage Converter w/ Low Power Shutdown Pin SWITCHED CAPACITOR CONVERTER, 120 kHz SWITCHING FREQ-MAX, PDIP8 CMOS Switched-Capacitor Voltage Converters
|
Analog Devices, Inc.
|
CS5381 CDB5381 CS5381-KSZ CS5381-KSZR CS5381-KZZ C |
120 dB, 192 kHz, Multi-Bit Audio A/D Converter
|
CIRRUS[Cirrus Logic]
|
CS4398-CZZ CS4398-CZZR CS4398 CDB4398 |
120 dB, 192 kHz Multi-Bit DAC with Volume Control
|
CIRRUS[Cirrus Logic]
|
ACS710 |
120 kHz Bandwidth, High Voltage Isolation Current Sensor with Integrated Overcurrent Detection
|
Allegro MicroSystems
|
UTCL5200 L5200 L5200-AD-SM1-R L5200-AD-SM1-T L5200 |
SWITCHED CAPACITOR REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO6 LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS 低噪声,稳压电荷泵DC / DC转换 LOW NOISE, REGULATED CHARGE PUMP DC/DC CONVERTERS SWITCHED CAPACITOR REGULATOR, 2000 kHz SWITCHING FREQ-MAX, PDSO8
|
UTC[Unisonic Technologies] 友顺科技股份有限公司 Unisonic Technologies Co., Ltd. ??『绉???′唤?????? UNISONIC TECHNOLOGIES CO LTD
|
CS-5111DWR24 |
1.4 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO24
|
|
R1210N412C-TL R1210N342C-TL |
0.04 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PDSO5
|
RICOH COMPANY LTD
|
RS5RJ5021A-T1-FA RS5RJ5021A-T2-FA RS5RJ5021B-T1-FA |
0.25 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO8 1.27 MM PITCH, SOP-8
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
175T48 GS175T48-5E GS120 GS120T48-3.3 GS120T48-3.3 |
128 x 128 pixel format, LED or EL Backlight available 120W/175W的DC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175WDC - DC转换器家 120W/175W DC-DC CONVERTERS FAMILY 120W/175W的DC - DC转换器家 120 W / 175 W DC-DC CONVERTERS FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
MC33463H-50LT1 ONSEMICONDUCTOR-MC33463H-30LT1 |
VARIABLE FREQUENCY MICROPOWER DC-to-DC CONVERTER 0.25 A SWITCHING CONTROLLER, 120 kHz SWITCHING FREQ-MAX, PSSO3
|
ON Semiconductor
|
RN5RK451A-TR RN5RK201B-TR RN5RK361A-TR |
SOT-23-5 VFM STEP-UP DC/DC CONVERTER 0.5 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDSO5
|
Ricoh Co., Ltd. RICOH COMPANY LTD
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|